Part Number Hot Search : 
4620D C7715 TP8472BP TPD1038 2N7002V TSOP6256 TPJRCUF CLE539W
Product Description
Full Text Search
 

To Download 1B4UM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Altech UL508
B-Trip Characteristic
E137938
UL508 Listed
Application Examples: Business equipment, wiring protection, lighting, appliances, control circuits, some motors and some electronic applications. Relatively long thermal trip delay but low magnetic trip point. Type/ Cat. No. 1B1UM 1B1.6UM 1B2UM 1B2.5UM 1B3UM 1B3.5UM 1B4UM 1B5UM 1B6UM NA 1B10UM NA NA 1B13UM 1B15UM 1B16UM 1B20UM 1B25UM 1B30UM 1B32UM 1B40UM 1B50UM 1B60UM 1B63UM Approvals Rated Current 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A Type/ Cat. No. 3B1UM 3B1.6UM 3B2UM 3B2.5UM 3B3UM 3B3.5UM 3B4UM 3B5UM 3B6UM NA 3B10UM NA NA 3B13UM 3B15UM 3B16UM 3B20UM 3B25UM 3B30UM 3B32UM 3B40UM 3B50UM 3B60UM 3B63UM Approvals
Standard Pack: 12 Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
One Pole
Rated Current 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A
Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
Standard Pack: 4
Three Pole
Standard Pack: 6
Two Pole
Weight: 0.3A - 32A 1.8kg (3.97 lb.) 40A - 63A 1.98kg (4.37 lb.)
max. 8-12 mm (0.31-0.47 in.)
5.3 mm (0.21 in.)
Rated Current 1.0A 1.6A 2.0A 2.5A 3.0A 3.5A 4.0A 5.0A 6.0A 8.0A 10A 12A 12.5A 13A 15A 16A 20A 25A 30A 32A 40A 50A 60A 63A
Type/ Cat. No. 2B1UM 2B1.6UM 2B2UM 2B2.5UM 2B3UM 2B3.5UM 2B4UM 2B5UM 2B6UM NA 2B10UM NA NA 2B13UM 2B15UM 2B16UM 2B20UM 2B25UM 2B30UM 2B32UM 2B40UM 2B50UM 2B60UM 2B63UM
Approvals
Add-on Neutral Pole
Weight: 0.775kg (1.71lb.)
Standard Pack: 5
Rating 0.3-63A/ 480Y/277V
Type/ Cat. No. N63UM
Approvals
Standard Dual Connection Terminal
* Box clamp terminals Top: 18-3 AWG; Bottom: 18-2 AWG (Line/Load reversible)
Dimensions*:
11.3 mm (0.44 in.)
* Ring tongue terminals
Ring tongue
Box clamp
18.3 mm (0.72 in.)
M5 screw
* May differ by manufacturer.
Top terminal ring tongue maximum thickness 1.6 mm.
8
Altech Corp.(R) * 35 Royal Road * Flemington, NJ 08822-6000 * Phone (908)806-9400 * FAX (908)806-9490 * www.altechcorp.com


▲Up To Search▲   

 
Price & Availability of 1B4UM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X